Part Number Hot Search : 
BUF646A L80S20 RB201 M51326P TB62006F HMJE1 SB050 5KE400CA
Product Description
Full Text Search
 

To Download UHV1V101MED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors hv series high ripple low impedance lower impedance at high frequency range. smaller case size and high ripple current. compliant to the rohs directive (2002/95/ec). specifications hv hd approved by reliability center for electronic component, japan-certification no. rcj-03-23c dimension table in next page. please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. radial lead type type numbering system (example : 25v 150 f) u 1 h 2 v 3 1 4 e 5 1 6 5 7 1 8 m 9 e 10 d 11 12 15 min 4 min (mm) d p d 10 5.0 0.6 5 2.0 0.5 12.5 5.0 16 7.5 0.6 0.8 6.3 2.5 0.5 0.6 8 3.5 size code configuration series name type pressure relief vent d (6.3up) d + 0.5 max. l + max. capacitance tolerance ( 20%) rated capacitance (150f) rated voltage (25v) (l < 20) 1.5 (l 20) 2.0 d 5 pb-free leadwire pb-free pet sleeve dd 6.3 ed 8 10 pd 12.5 16 hd configuration sleeve ( p. e . t. ) in case l > 25 for the 12.5 dia. unit, lead dia. d = 0.8mm. p 0.5 performance characteristics ltem 0.21 0.18 0.15 0.13 0.11 category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance marking 40 to +105?c 6.3 to 35v 47 to 8200 f 20% at 120hz, 20 ?c after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 ( a), whichever is greater. rated voltage (v) rated voltage (v) tan (max.) for capacitance of more than 1000f, add 0.02 for every increase of 1000f. z 25?c / z+20?c z 40?c / z+20?c impedance ratio zt / z20 (max.) 6 . 31 01 62 53 5 22222 33333 6 . 31 01 62 53 5 printed with white color letter on black sleeve. 120hz 20?c 120hz smaller please refer to page 20 about the end seal configulation. capacitance change leakage current the specifications listed at right shall be met when the capacitors are restored to 20 ? c after d.c. bias plus rated ripple current is applied for 6000 hours (5000 hours for d=5 and 6.3) at 105 ? c , the peak voltage shall not exceed the rated voltage. tan within 25% of the initial capacitance value (6.3v 10v : 30%) less than or equal to the initial specified value 200% or less than the initial specified value cat.8100b
hv series aluminum electrolytic capacitors standard ratings 100 150 220 330 470 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 101 151 221 331 471 681 821 102 122 152 182 222 272 332 392 472 562 682 822 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 12.5 8 15 8 20 10 16 10 20 10 25 12.5 20 12.5 20 12.5 25 12.5 31.5 12.5 35.5 16 20 16 25 0.23 0.10 0.10 0.059 0.059 0.043 0.043 0.046 0.031 0.030 0.019 0.017 0.016 0.016 0.014 0.012 0.011 0.014 0.012 0.76 0.33 0.33 0.181 0.181 0.133 0.133 0.143 0.105 0.095 0.057 0.051 0.041 0.041 0.036 0.031 0.029 0.036 0.033 360 460 550 900 990 1250 1360 1330 1550 1815 2160 2475 2500 2725 3190 3795 3925 3575 3990 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 12.5 8 15 10 16 10 16 8 20 10 20 10 25 12.5 20 12.5 20 12.5 25 12.5 31.5 16 20 12.5 35.5 16 25 0.23 0.10 0.10 0.059 0.059 0.043 0.043 0.046 0.030 0.030 0.031 0.019 0.017 0.016 0.016 0.014 0.012 0.014 0.011 0.012 0.76 0.33 0.33 0.181 0.181 0.133 0.133 0.143 0.095 0.095 0.105 0.057 0.051 0.041 0.041 0.036 0.031 0.036 0.029 0.033 360 450 550 820 990 1250 1360 1330 1650 1815 1550 2160 2475 2475 2725 3190 3795 3575 3925 3990 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 8 15 10 16 10 16 8 20 10 20 10 20 10 25 12.5 20 12.5 25 12.5 31.5 16 20 12.5 35.5 16 25 0.23 0.10 0.10 0.059 0.059 0.043 0.046 0.030 0.030 0.031 0.019 0.019 0.017 0.016 0.014 0.012 0.014 0.011 0.012 0.76 0.33 0.33 0.181 0.181 0.133 0.143 0.095 0.095 0.105 0.057 0.057 0.051 0.041 0.036 0.031 0.036 0.029 0.033 360 450 550 830 990 1360 1330 1650 1815 1550 1930 2160 2475 2725 3190 3795 3575 3925 3990 cap.(f) v (code) 6.3 (0j) case size d l (mm) case size d l (mm) case size d l (mm) impedance ( ?) max. impedance (?) max. impedance (? ) max. 20?c / 100khz 20?c / 100khz 20?c / 100khz 10? c / 100khz 10? c / 100khz 10? c / 100khz rated ripple (marms) 105? c / 100khz rated ripple (marms) 105? c / 100khz rated ripple (marms) 105? c / 100khz 10 (1a) 16 (1c) item code : in this case, will be put at 12th digit of type numbering system. 6 120hz 1khz 10khz 100khz or more 0.90 0.94 0.95 0.95 0.98 1.00 1.00 1.00 1.00 1.00 cap. (f) frequency frequency coefficient of rated ripple current 47 to 150 220 to 560 680 to 1800 2200 to 3900 4700 to 8200 0.75 0.85 0.87 0.90 0.95 0.40 0.50 0.60 0.75 0.85 47 68 100 150 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 470 680 101 151 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 5 11 6.3 11 6.3 11 8 11.5 8 11.5 8 11.5 8 15 10 12.5 8 20 10 16 10 20 10 25 12.5 20 12.5 20 12.5 25 12.5 31.5 16 20 12.5 35.5 16 25 0.23 0.10 0.10 0.059 0.059 0.059 0.046 0.043 0.031 0.030 0.019 0.017 0.016 0.016 0.014 0.012 0.014 0.011 0.012 0.76 0.33 0.33 0.181 0.181 0.181 0.143 0.133 0.105 0.095 0.057 0.051 0.041 0.041 0.036 0.031 0.036 0.029 0.033 360 450 550 810 900 990 1330 1360 1550 1815 2160 2475 2475 2725 3190 3795 3575 3925 3990 5 11 6.3 11 6.3 11 8 11.5 8 11.5 8 15 10 12.5 8 20 10 16 10 20 10 25 12.5 20 12.5 20 12.5 25 12.5 31.5 16 20 12.5 35.5 16 25 0.23 0.10 0.10 0.059 0.059 0.046 0.043 0.031 0.030 0.019 0.017 0.016 0.016 0.014 0.012 0.014 0.011 0.012 0.76 0.33 0.33 0.181 0.181 0.143 0.133 0.105 0.095 0.057 0.051 0.041 0.041 0.036 0.031 0.036 0.029 0.033 360 450 550 820 990 1330 1360 1550 1815 2160 2475 2725 2920 3190 3795 3575 3925 3990 cap.(f) v (code) 25 (1e) case size d l (mm) impedance ( ?) max. 20?c / 100khz 10? c / 100khz rated ripple (marms) 105? c / 100khz 35 (1v) case size d l (mm) impedance (?) max. 20?c / 100khz 10? c / 100khz rated ripple (marms) 105? c / 100khz item code cat.8100b


▲Up To Search▲   

 
Price & Availability of UHV1V101MED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X